Part Number Hot Search : 
MAX13013 BZX55B39 TW9919 4AUP1G E03CT 80N04 SP320 UN511M
Product Description
Full Text Search
 

To Download TC2W-5S2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TC2W Series
4:1 Input, 5 Watt
MODEL NUMBER
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC
OUTPUT CURRENT 1000 mA 417 mA 333 mA 208 mA 167 mA
OUTPUT POWER 5W 5W 5W 5W 5W
9-36 VDC IN TC2W-5S2405 TC2W-5S2412 TC2W-5S2415 TC2W-5D2412 TC2W-5D2415
18-72 VDC IN TC2W-5S4805 TC2W-5S4812 TC2W-5S4815 TC2W-5D4812 TC2W-5D4815
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-36V Input...................................24 VDC 18-72V Input..................................48 VDC Input Filter............................................................Pi Filter Reverse Voltage Protection..............Internal Shunt Diode Use External Fuse OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Voltage Balance, Dual Output.........................1%, Max. Line Regulation.............................................0.2%, Max. Load Regulation, FL-20%FL.........................0.5%, Max. Minimum Load, Single Output......................Not required Dual Output...............20% Each Output Ripple and Noise, 20MHz BW..............100 mVp-p, Max. Short Circuit Protection..................................Continuous GENERAL SPECIFICATIONS Efficiency........................................................75% - 85% Isolation Voltage, Input to Output.............1,000 VDC, Min. Switching Frequency....................................50 kHz, Min. Operating Temperature Range...................0C to +71C Derating...................................................................None Storage Temperature Range.................-20C to +100C Cooling.............................................Free Air Convection Weight.................................................1.2 oz. (34 grams) Case Material..............Metal witth Non-Conductive Base
1.00 (25.4) 0.40 (10.2) 0.40 (10.2) 0.10 (2.54) 0.24 MIN. (6.0)
+OUT COM -OUT /NP* BOTTOM VIEW +IN -IN 0.60 (15.2) 0.20 (5.1) 0.80 (20.3) 2.00 (50.8)
0.60 (15.2)
0.44 (11.3)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.03 INCH (0.8 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. A -01/2008-
Tumbler Technologies+TRUMPower * Santa Clara, CA * 408- 988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TC2W-5S2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X